| Moteur de recherche de fiches techniques de composants électroniques |
|
8128L-AF5-D-R Fiches technique(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
8128L-AF5-D-R Fiches technique(HTML) 4 Page - Unisonic Technologies |
|
4 / 6 page ![]() 81XX LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 4 of 6 www.unisonic.com.tw QW-R119-001,J ELECTRICAL CHARACTERISTICS(Cont.) PARAMETER SYMBOL (*1) TEST CONDITIONS MIN TYP MAX UNIT “H” Transmission Delay Time TpLH (*2) 4 CL=100pF, RL=4.7KΩ 20 60 µS “L” Transmission Delay Time TpHL (*3) 4 CL=100pF, RL=4.7kΩ 20 60 µS Operating Threshold Voltage VOPL 1 RL=4.7kΩ, VOL≦0.4V 0.65 0.85 V Output current at ON Time 1 IOL1 2 RL=0, VCC=Vs min.-0.05V, VOUT=0.4V 5 mA Output current at ON Time 2 IOL2 2 Ta=-20~+75 °C RL=0, VCC=VSS min.-0.15V VOUT=0.4V 3 mA Note: (*1) MEASUREMENT CIRCUIT (*2) TpLH: VCC=(VSS Typ. –0.4V) -> (VSS Typ. +0.4V) (*3) TpHL: VCC=(VSS Typ. +0.4V) -> (VSS Typ. -0.4V) |