Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBT1616L-Y-AE3-R Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce MMBT1616L-Y-AE3-R
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT1616L-Y-AE3-R Fiches technique(HTML) 3 Page - Unisonic Technologies

  MMBT1616L-Y-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBT1616L-Y-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBT1616L-Y-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBT1616L-Y-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBT1616/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-036.B
TYPICAL CHARACTERISTICS
1000
110
100
300
Collector Output Capacitance
Collector-Base Voltage, VCB (V)
500
300
100
50
30
10
5
3
3
5
30 50
IE=0
f=1.0MHz
1000
0.01
0.1
5
Current Gain-Bandwidth Product
Collector Current, IC (A)
500
300
100
50
30
10
5
3
0.03
0.3
1
1
10
3
VCE=2V
10
0.001
0.01
0.5
Switching Time
Collector Current, IC (A)
5
3
1
0.5
0.3
0.1
0.05
0.03
0.003
0.03
0.1
0.01
1
0.3
VCC=10V
IC=10·IB1=-10·IB2
tStG
tON
tF
0.05
100
04
10
80
60
40
20
2
6
8
Static Characteristic
Collector-Emitter Voltage, VCE (V)
IB=50µA
IB=100µA
IB=150µA
IB=200µA
IB=250µA
IB=300µA
1.0
00.4
1.0
0.8
0.6
0.4
0.3
0.2
0.6
0.8
Static Characteristic
Collector-Emitter Voltage, VCE (V)
IB=5.0mA
IB=4.5mA
IB=3.5mA
IB=3.0mA
IB=2.5mA
IB=2.0mA
IB=1.5mA
IB=1.0mA
IB=0. 5mA
1000
0.01
0.05
5
DC Current Gain
Collector Current, IC (A)
500
300
100
50
30
10
5
3
0.03
0.3
1
1
10
3
VCE=2V
0.5
0.1



Html Pages

1 2 3 4