| Moteur de recherche de fiches techniques de composants électroniques |
|
LD1117-50-TA3-A-R Fiches technique(PDF) 8 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LD1117-50-TA3-A-R Fiches technique(HTML) 8 Page - Unisonic Technologies |
|
8 / 12 page ![]() LD1117/A LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 8 of 12 www.unisonic.com.tw QW-R102-006,Q ELECTRICAL CHARACTERISTICS(Cont.) For LD1117/A-3.6 PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VOUT VIN=5.6V, IOUT=10mA, TJ =25°C 3.564 3.600 3.636 V Output Voltage VOUT VIN=5 to 10V LD1117 : IOUT=0 ~ 800mA LD1117A : IOUT=0 ~ 1.0A 3.528 3.600 3.672 V Line Regulation ΔVOUT VIN=5 to 15V, IOUT=0mA 1 6 mV Load Regulation ΔVOUT VIN=5V LD1117 : IOUT=0 ~ 800mA LD1117A : IOUT=0 ~ 1000mA 1 10 mV Temperature stability ΔVOUT 0.5 % Long Term Stability ΔVOUT 1000 hrs, TJ =125°C 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current IQ VIN≤15V 5 10 mA LD1117 800 Current Limit ILIMIT VIN=8.6V, Tj=25°C LD1117A 1000 mA Output Noise Voltage eN B=10Hz to 10KHz, TJ =25°C 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ =25°C, VIN=6.6V, VRIPPLE=1Vpp 60 75 dB Dropout Voltage VD IOUT=100mA IOUT=500mA IOUT=800mA IOUT=1000 mA 1.00 1.15 1.20 1.20 1.10 1.25 1.30 1.30 V V V V Thermal Regulation Ta=25 °C, 30ms Pulse 0.01 0.10 %/W For LD1117/A-5.0 PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT 1% 4.950 5.000 5.050 Output Voltage VOUT VIN=7V,IOUT=10mA, TJ =25°C 2% 4.900 5.000 5.100 V 2% 4.900 5.000 5.100 Output Voltage VOUT VIN=6.5 to 15V LD1117 : IOUT=0 ~ 800mA LD1117A : IOUT=0 ~ 1.0A 4% 4.800 5.000 5.200 V Line Regulation ΔVOUT VIN=6.5 to 15V, IOUT=0mA 1 6 mV Load Regulation ΔVOUT VIN=6.5V LD1117 : IOUT=0 ~ 800mA LD1117A : IOUT=0 ~ 1000mA 1 10 mV Temperature stability ΔVOUT 0.5 % Long Term Stability ΔVOUT 1000 hrs, TJ =125°C 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current IQ VIN≤15V 5 10 mA LD1117 800 Current Limit ILIMIT VIN=10V, TJ =25°C LD1117A 1000 mA Output Noise Voltage eN B=10Hz to 10KHz, TJ =25°C 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ =25°C, VIN=8V, VRIPPLE=1Vpp 60 75 dB Dropout Voltage VD IOUT=100mA IOUT=500mA IOUT=800mA IOUT=1000 mA 1.00 1.15 1.20 1.20 1.10 1.25 1.30 1.30 V V V V Thermal Regulation Ta=25 °C, 30ms Pulse 0.01 0.10 %/W |