| Moteur de recherche de fiches techniques de composants électroniques |
|
BC856-B-AE3-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BC856-B-AE3-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 4 page ![]() BC856/BC857/BC858 PNP SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R206-028,B ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT BC856 -80 V BC857 -50 V Collector-Base Voltage BC858 VCBO -30 V BC856 -65 V BC857 -45 V Collector-Emitter Voltage BC858 VCEO -30 V Emitter-Base Voltage VEBO -5 V Collector Dissipation PD 310 mW Collector Current (DC) IC -100 mA Junction Temperature TJ +150 °C Storage Temperature TSTG -40 ~ +150 °C Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector Cut-Off Current ICBO VCB=-30V, IE=0 -15 nA DC Current Gain hFE VCE=-5V, IC=-2mA 110 800 IC=-10mA,IB=-0.5mA -90 -300 mV Collector-Emitter Saturation Voltage VCE(SAT) IC=-100mA,IB=-5mA -250 -650 mV IC=-10mA,IB=-0.5mA -700 mV Base-Emitter Saturation Voltage VBE(SAT) IC=-100mA,IB=-5mA -900 mV VCE=-5V,IC=-2mA -600 -660 -750 mV Base-Emitter On Voltage VBE(ON) VCE=-5V,IC=-10mA -800 mV Current Gain Bandwidth Product fT VCE=-5V,IC=-10mA, f=100MHz 150 MHz Output Capacitance Cob VCB=-10V,IE=0,f=1MHz 6 pF Noise Figure NF VCE=-5V, IC=-200μA, f=1KHz, RG=2KΩ 2 10 dB CLASSIFICATION OF hFE RANK A B C RANGE 110-220 200-450 420-800 |