| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS70SL-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAS70SL-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAS70x DIODE www.unisonic.com.tw 1 of 3 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R601-017,A SCHOTTKY BARRIER DIODES DESCRIPTION Planar Schottky barrier diodes encapsulated in the SOT-23 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available. FEATURES *·Low Turn-on voltage * Fast switching *·Ultra-small surface mount package *·Also available in lead free version SOT-23 3 2 1 *Pb-free plating product number: BAS70xL ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing BAS70-AE3-R BAS70L-AE3-R SOT-23 x A K Tape Reel BAS70A-AE3-R BAS70AL-AE3-R SOT-23 K1 K2 A2A1 Tape Reel BAS70C-AE3-R BAS70CL-AE3-R SOT-23 A1 A2 K2K1 Tape Reel BAS70S-AE3-R BAS70SL-AE3-R SOT-23 K1 A2 K2A1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode x:NC BAS70L-AE3-R (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel (2) AE3: SOT-23 (3) L: Lead Free Plating, Blank: Pb/Sn |
Numéro de pièce similaire - BAS70SL-AE3-R |
|
Description similaire - BAS70SL-AE3-R |