| Moteur de recherche de fiches techniques de composants électroniques |
|
2SD1616AL-Y-G03-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SD1616AL-Y-G03-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 4 page ![]() 2SD1616/A NPN SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R201-008,C ABSOLUTE MAXIMUM RATINGS (Ta=25°C) PARAMETER SYMBOL RATINGS UNIT 2SD1616 60 Collector to Base Voltage 2SD1616A VCBO 120 V 2SD1616 50 Collector to Emitter Voltage 2SD1616A VCEO 60 V Emitter to Base Voltage VEBO 6 V DC IC 1 A Collector Current Pulse(Note2) ICM 2 A Total Power Dissipation PC 750 mW Junction Temperature TJ +150 °C Storage Temperature TSTG -55 ~ +150 °C Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Pulse width ≤10ms, Duty cycle<50% ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector-Emitter Saturation Voltage VCE (SAT) IC=1A, IB=50mA 0.15 0.3 V Base-Emitter Saturation Voltage VBE (SAT) IC=1A, IB=50mA 0.9 1.2 V Base Emitter On Voltage VBE (ON) VCE =2V, IC =50mA 600 640 700 mV Collector Cut-Off Current ICBO VCB=60V 100 nA Emitter Cut-Off Current IEBO VEB= 6V 100 nA 2SD1616 135 600 hFE1 VCE =2V, IC =100mA 2SD1616A 135 400 DC Current Gain hFE2 VCE =2V, IC=1A 81 Transition Frequency fT VCE =2V, IC =100mA 100 160 MHz Output Capacitance Cob VCB =10V, f =1MHz 19 pF Turn On Time tON VCE =10V, IC =100mA 0.07 μs Storage Time tSTG IB1 = -IB2 =10mA 0.95 μs Fall Time tF VBE(OFF) = -2 ~ -3V 0.07 μs CLASSIFICATION OF hFE1 RANK Y G L hFE1 135 ~ 270 200 ~ 400 300 ~ 600 |