Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1616L-Y-AB3-R Fiches technique(PDF) 4 Page - Unisonic Technologies

No de pièce 2SD1616L-Y-AB3-R
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1616L-Y-AB3-R Fiches technique(HTML) 4 Page - Unisonic Technologies

  2SD1616L-Y-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1616L-Y-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1616L-Y-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1616L-Y-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SD1616/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R201-008,C
TYPICAL CHARACTERISTICS(Cont.)
DC Current Gain
Collector Current, IC (A)
0.01
50
300
1000
10
10
500
100
30
5
3
1
0.03 0.05 0.1
0.3 0.5
1
3 5
VCE=2V
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Collector Current, IC (A)
0.01
10
0.1
10
1
0.030.05 0.1
0.3 0.5
1
3 5
IC=20IB
0.03
0.05
0.3
0.5
3
5
VCE (SAT)
VBE (SAT)
Safe Operating Area
Collector-Emitter Voltage, VCE (V)
0.5
10
0.1
300
5
0.3
0.05
510
30
3
1
0.03
0.01
100
50
3
1
10ms
20
0m
s
D
C
Power Derating
Ambient Temperature, Ta (℃)
0.8
0.2
200
0.4
175
0
0.6
150
125
100
75
50
25
pw=1ms
U T C assum es no responsibility for equipm ent failures that result from using products at v alues that
ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all U T C products described or contained
herein. U T C products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably ex pected to result in personal injury. R eproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2 3 4