| Moteur de recherche de fiches techniques de composants électroniques |
|
BC847-A-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BC847-A-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD BC846-BC850 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R206-027,C SWITCHING AND AMPLIFIER APPLICATION FEATURES * Suitable for automatic insertion in thick and thin-film circuits. * Complement to BC856 … BC860 SOT-323 1 2 3 SOT-23 1 2 3 *Pb-free plating product number: BC846L/BC847L/BC848L/BC849L/BC850L ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing BC846-x-AE3-R BC846L-x-AE3-R SOT-23 E B C Tape Reel BC847-x-AE3-R BC847L-x-AE3-R SOT-23 E B C Tape Reel BC848-x-AE3-R BC848L-x-AE3-R SOT-23 E B C Tape Reel BC849-x-AE3-R BC849L-x-AE3-R SOT-23 E B C Tape Reel BC850-x-AE3-R BC850L-x-AE3-R SOT-23 E B C Tape Reel BC846-x-AL3-R BC846L-x-AL3-R SOT-323 E B C Tape Reel BC847-x-AL3-R BC847L-x-AL3-R SOT-323 E B C Tape Reel BC848-x-AL3-R BC848L-x-AL3-R SOT-323 E B C Tape Reel BC849-x-AL3-R BC849L-x-AL3-R SOT-323 E B C Tape Reel BC850-x-AL3-R BC850L-x-AL3-R SOT-323 E B C Tape Reel BC846L-x-AE3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323 (3) x: refer to Classification of hFE (4) L: Lead Free Plating, Blank: Pb/Sn MARKING BC846 BC847 BC848 BC849 BC850 8A 8B 8C 8D 8E : Rank Code,refer to Classification of hFE |
Numéro de pièce similaire - BC847-A-AE3-R |
|
Description similaire - BC847-A-AE3-R |