| Moteur de recherche de fiches techniques de composants électroniques |
|
DTA114TL-AN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA114TL-AN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA114T PNP SILICON TRANSISTOR ofwww.unisonic.com.tw 1of 3 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R206-061,B DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT *Pb-free plating product number:DTA114TL ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing DTA114T-AE3-R DTA114TL-AE3-R SOT-23 E B C Tape Reel DTA114T-AL3-R DTA114TL-AL3-R SOT-323 E B C Tape Reel DTA114T-AN3-R DTA114TL-AN3-R SOT-523 E B C Tape Reel DTA114TL-AE3-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323, AN3: SOT-523 (3)Lead Plating (3) L: Lead Free Plating, Blank: Pb/Sn MARKING |
Numéro de pièce similaire - DTA114TL-AN3-R |
|
Description similaire - DTA114TL-AN3-R |