Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD669L-X-AB3-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce 2SD669L-X-AB3-R
Description  BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD669L-X-AB3-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  2SD669L-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SD669L-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SD669L-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SD669L-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies 2SD669L-X-AB3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD669/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R204-005,E
ORDERING INFORMATION(Cont.)
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SD669A-x-AA3-R
2SD669AL-x-AA3-R
SOT-223
B
C
E
Tape Reel
2SD669A-x-AB3-R
2SD669AL-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SD669A-x-T60-K
2SD669AL-x-T60-K
TO-126
E
C
B
Bulk
2SD669A-x-T6C-R
2SD669AL-x-T6C-R
TO-126C
E
C
B
Bulk
2SD669A-x-T92-B
2SD669AL-x-T92-B
TO-92
E
C
B
Tape Box
2SD669A-x-T92-K
2SD669AL-x-T92-K
TO-92
E
C
B
Bulk
2SD669A-x-T9N-B
2SD669AL-x-T9N-B
TO-92NL
E
C
B
Tape Box
2SD669A-x-T9N-K
2SD669AL-x-T9N-K
TO-92NL
E
C
B
Bulk
2SD669A-x-T9N-R
2SD669AL-x-T9N-R
TO-92NL
E
C
B
Tape Reel
2SD669A-x-TM3-T
2SD669AL-x-TM3-T
TO-251
E
C
B
Tube
2SD669A-x-TN3-R
2SD669AL-x-TN3-R
TO-252
B
C
E
Tape Reel
2SD669A-x-TN3-T
2SD669AL-x-TN3-T
TO-252
B
C
E
Tube
2SD669L-x-AB3-R
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Plating
(1) K: Bulk, R: Tape Reel, T: Tube
(2) AA3: SOT-223, AB3: SOT-89, T60: TO-126,
T 6C: TO-126C, TM3: TO-251, TN3: TO-252,
T 92:TO-92, T9N: TO-92NL
(3) x: refer to Classification of hFE1
(4) L: Lead Free Plating, Blank: Pb/Sn



Html Pages

1 2 3 4 5