| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV341 Fiches technique(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV341 Fiches technique(HTML) 20 Page - Texas Instruments |
|
20 / 40 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Sep-2023 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TLV341AIDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 YCGE Samples TLV341AIDBVT LIFEBUY SOT-23 DBV 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 YCGE TLV341AIDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 Y5E Samples TLV341AIDCKT LIFEBUY SC70 DCK 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 Y5E TLV341AIDCKTG4 LIFEBUY SC70 DCK 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 Y5E TLV341IDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 YC9E Samples TLV341IDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 Y4E Samples TLV341IDCKT LIFEBUY SC70 DCK 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 Y4E TLV341IDPKR LIFEBUY USON DPK 6 5000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 Y4W TLV341IDRLR ACTIVE SOT-5X3 DRL 6 4000 RoHS & Green NIPDAUAG Level-1-260C-UNLIM -40 to 125 (Y4A, Y4W) Samples TLV342AID LIFEBUY SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 TY342A TLV342AIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 TY342A Samples TLV342ID LIFEBUY SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 TY342 TLV342IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 Y6A Samples TLV342IDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 TY342 Samples TLV342IRUGR ACTIVE X2QFN RUG 10 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 Y6E Samples TLV342SIRUGR ACTIVE X2QFN RUG 10 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 2YE Samples (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. Addendum-Page 1 |