| Moteur de recherche de fiches techniques de composants électroniques |
|
2SB649A-X-AB3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SB649A-X-AB3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SB649/A PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R204-006,D BIPOLAR POWER GENERAL PURPOSE TRANSISTOR APPLICATIONS * Low frequency power amplifier complementary pair with UTC 2SB669/A TO-92 1 1 SOT-89 TO-126 1 1 TO-126C *Pb-free plating product number: 2SB649L/2SB649AL ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing 2SB649-x-AB3-R 2SB649L-x-AB3-R SOT-89 B C E Tape Reel 2SB649-x-T6C-K 2SB649L-x-T6C-K TO-126C E C B Bulk 2SB649-x-T60-K 2SB649L-x-T60-K TO-126 E C B Bulk 2SB649-x-T92-B 2SB649L-x-T92-B TO-92 E C B Tape Box 2SB649-x-T92-K 2SB649L-x-T92-K TO-92 E C B Bulk 2SB649A-x-AB3-R 2SB649AL-x-AB3-R SOT-89 B C E Tape Reel 2SB649A-x-T6C-K 2SB649AL-x-T6C-K TO-126C E C B Bulk 2SB649A-x-T60-K 2SB649AL-x-T60-K TO-126 E C B Bulk 2SB649A-x-T92-B 2SB649AL-x-T92-B TO-92 E C B Tape Box 2SB649A-x-T92-K 2SB649AL-x-T92-K TO-92 E C B Bulk 2SB649L-x-AB3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) B: Tape Box, K: Bulk, R: Tape Reel (2) AB3: SOT-89, T6C: TO-126C, T60: TO-126, T 92: TO-92 (3) x: refer to Classification of hFE (4) L: Lead Free Plating, Blank: Pb/Sn |
Numéro de pièce similaire - 2SB649A-X-AB3-R |
|
Description similaire - 2SB649A-X-AB3-R |