Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST38VF6402B Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce SST38VF6402B
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402B Fiches technique(HTML) 7 Page - Microchip Technology

Back Button SST38VF6402B Datasheet HTML 3Page - Microchip Technology SST38VF6402B Datasheet HTML 4Page - Microchip Technology SST38VF6402B Datasheet HTML 5Page - Microchip Technology SST38VF6402B Datasheet HTML 6Page - Microchip Technology SST38VF6402B Datasheet HTML 7Page - Microchip Technology SST38VF6402B Datasheet HTML 8Page - Microchip Technology SST38VF6402B Datasheet HTML 9Page - Microchip Technology SST38VF6402B Datasheet HTML 10Page - Microchip Technology SST38VF6402B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS20005002D-page 7
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
TABLE 3-2:
SST38VF6403B AND SST38VF6404B MEMORY MAPS (SHEET 1 OF 2)
SST38VF6403B
Block1
Size
Address A21-A15
2
VPB3
NVPB3
WP#4
B03,4
4 KWord
0000000000
YES
YES
YES
B1
4 KWord
0000000001
YES
YES
YES
B2
4 KWord
0000000010
YES
YES
NO
B3
4 KWord
0000000011
YES
YES
NO
B4
4 KWord
0000000100
YES
YES
NO
B5
4 KWord
0000000101
YES
YES
NO
B6
4 KWord
0000000110
YES
YES
NO
B7
4 KWord
0000000111
YES
YES
NO
B8
32 KWord
0000001XXX
YES
YES
NO
B9
32 KWord
0000010XXX
YES
YES
NO
B10
32 KWord
0000011XXX
YES
YES
NO
B11
32 KWord
0000100XXX
YES
YES
NO
B12
32 KWord
0000101XXX
YES
YES
NO
B13
32 KWord
0000110XXX
YES
YES
NO
B14
32 KWord
0000111XXX
YES
YES
NO
B15
32 KWord
0001000XXX
YES
YES
NO
B16 - B126 follow the same pattern
B127
32 KWord
1111000XXX
YES
YES
NO
B128
32 KWord
1111001XXX
YES
YES
NO
B129
32 KWord
1111010XXX
YES
YES
NO
B1230
32 KWord
1111011XXX
YES
YES
NO
B1231
32 KWord
1111100XXX
YES
YES
NO
B1232
32 KWord
1111101XXX
YES
YES
NO
B133
32 KWord
1111110XXX
YES
YES
NO
B134
32 KWord
1111111XXX
YES
YES
NO
SST38VF6404B
Block1
Size
Address A21-A15
2
VPB3
NVPB3
WP#5
B0
32 KWord
0000000XXX
YES
YES
NO
B1
32 KWord
0000001XXX
YES
YES
NO
B2
32 KWord
0000010XXX
YES
YES
NO
B3
32 KWord
0000011XXX
YES
YES
NO
B4
32 KWord
0000100XXX
YES
YES
NO
B5
32 KWord
0000101XXX
YES
YES
NO
B6
32 KWord
0000110XXX
YES
YES
NO
B7
32 KWord
0000111XXX
YES
YES
NO
B8 - B119 follow the same pattern
B120
32 KWord
1111000XXX
YES
YES
NO
B121
32 KWord
1111001XXX
YES
YES
NO
B122
32 KWord
1111010XXX
YES
YES
NO
B123
32 KWord
1111011XXX
YES
YES
NO
B124
32 KWord
1111100XXX
YES
YES
NO
B125
32 KWord
1111101XXX
YES
YES
NO
B126
32 KWord
1111110XXX
YES
YES
NO
B1273, 5
4 KWord
1111111000
YES
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56