Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST25VF080B Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Fiches technique(HTML) 16 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 12Page - Microchip Technology SST25VF080B Datasheet HTML 13Page - Microchip Technology SST25VF080B Datasheet HTML 14Page - Microchip Technology SST25VF080B Datasheet HTML 15Page - Microchip Technology SST25VF080B Datasheet HTML 16Page - Microchip Technology SST25VF080B Datasheet HTML 17Page - Microchip Technology SST25VF080B Datasheet HTML 18Page - Microchip Technology SST25VF080B Datasheet HTML 19Page - Microchip Technology SST25VF080B Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 16
SST25VF080B
FIGURE 4-19:
READ-ID SEQUENCE
TABLE 4-6:
PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
00000H
BFH
Device ID
SST25VF080B
00001H
8EH
Note 1: The manufacturer’s and device ID output stream is continuous until terminated by a low-to-high tran-
sition on CE#.
Device ID = 8EH for SST25VF080B.
CE#
SO
SI
SCK
00
0 1 234 5 6 78
00
ADD 1
90 or AB
H
I
15 16
23 24
31 32
39 40
47 48
55 56
63
BF
Device ID
BF
Device ID
H
I
MODE 3
MODE 0
MS
MS
MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33