| Moteur de recherche de fiches techniques de composants électroniques |
|
2SD1816L-S-TM3-E-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SD1816L-S-TM3-E-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 4 page ![]() 2SD1816 NPN EPITAXIAL PLANAR TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R209-011,B ABSOLUTE MAXIMUM RATINGS (Ta =25℃ ) PARAMETER SYMBOL RATINGS UNIT Collector-Base Voltage VCBO 120 V Collector-Emitter Voltage VCEO 100 V Emitter-Base Voltage VEBO 6 V DC 4 A Collector Current PULSE(Note 1) IC 8 A 1 W Collector Power Dissipation PD (TC=25°C) 20 (Note 2) W Junction Temperature TJ +150 °C Storage Temperature TSTG -40 ~ +150 °C Note1: Duty=1/2, Pw=20ms Note2: When mounted on a 40×40×0.7mm ceramic board Note3: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector Base Breakdown Voltage BVCBO IC =10µA, IE =0 120 V Collector Emitter Breakdown Voltage BVCEO IC =1mA, RB=∞ 100 V Emitter Base Breakdown Voltage BVEBO IE =10µA, IC=0 6 V Base-Emitter Saturation Voltage VBE(SAT) IC = 2A, IB =0.2A 0.9 1.2 V Collector-Emitter Saturation Voltage VCE(SAT) IC = 2A, IB=0.2A 150 400 mV Collector Cut-Off Current ICBO VCB = 100 V, IE =0 1 µA Emitter Cut-Off Current IEBO VEB = 4V, IC=0 1 µA hFE1 VCE = 5V, IC = 0.5A 70 400 DC Current Transfer Ratio hFE2 VCE =5V, IC = 3A 40 Transition Frequency fT VCE =10V, IC =0.5A 180 MHz Output Capacitance Cob VCB =10V, IE =0A, f =1MHz 40 pF Turn-on Time tON See test circuit 100 ns Storage Time tSTG See test circuit 900 ns Fall Time tF See test circuit 50 ns CLASSIFICATION of hFE1 RANK R S T Q RANGE 100 - 200 140 - 280 200 - 400 70 -140 TEST CIRCUIT INPUT OUTPUT IB1 I B2 50V 50 -5V 100µ + 470µ + VR RB PW=20μS Duty Cycle≒1% Ic=10, IB1= -10, IB2=2A Unit (resistance:Ω, capacitance: F) |