| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2940L-80-TN3-R Fiches technique(PDF) 10 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LM2940L-80-TN3-R Fiches technique(HTML) 10 Page - Unisonic Technologies |
|
10 / 11 page ![]() LM2940 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 10 of 11 www.unisonic.com.tw QW-R102-016.E TYPICAL CHARACTERISTICS (Cont.) 1100 Output Impedance 1K 0.02 0.05 0.01 10 10K 100K 0.10 0.50 1.00 10.00 Frequency (Hz) 1M VIN=10V VOUT=5 V COUT=22μF IoUT=50mA 0 400 200 600 0.01 0.1 1 Output Current(mA) 800 1000 10 100 Output Capacitor ESR -30 -10 0 0 -20 10 20 -5 5 10 Input Voltage (V) 30 40 15 20 25 Output at Voltage Extremes RO=100Ω VOUT=10V -30 -10 0 0 -20 10 20 -4 4 8 Input Voltage (V) 30 40 12 16 20 Output at Voltage Extremes RO=100Ω -30 -10 0 0 -20 10 20 -5 5 10 Input Voltage (V) 30 40 15 20 25 Output at Voltage Extremes RO=100Ω STABLE REGION COUT=22μF -40 0 40 80 0 1.0 Temperature( ℃) 120 160 2.0 3.0 Peak Output Current VIN=14V 5.00 2.00 0.20 VOUT=12V VOUT=15V VOUT=5V |