Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR1106L-30-AF5-R Fiches technique(PDF) 7 Page - Unisonic Technologies

No de pièce LR1106L-30-AF5-R
Description  LARGE CURRENT POSITIVE VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106L-30-AF5-R Fiches technique(HTML) 7 Page - Unisonic Technologies

Back Button LR1106L-30-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 9Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 10Page - Unisonic Technologies LR1106L-30-AF5-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LR1106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 16
www.unisonic.com.tw
QW-R502-055,F
TYPICAL APPLICATION CIRCUIT
VIN
CIN
1µF
(Tantalum)
VSS
VIN
VOUT
CL
1µF
(Tantalum)
RL
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16