Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV393L-SM1-R Fiches technique(PDF) 5 Page - Unisonic Technologies

No de pièce LMV393L-SM1-R
Description  DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV393L-SM1-R Fiches technique(HTML) 5 Page - Unisonic Technologies

  LMV393L-SM1-R Datasheet HTML 1Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 2Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 3Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 4Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 5Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 6Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 7Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 8Page - Unisonic Technologies LMV393L-SM1-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LMV393
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R104-004,A
APPLICATION CIRCUITS(Cont.)
When VIN > Va the output voltage is low close to ground. It can be presented as R2 // R3 in series with R1. The
upper trip voltage Va2 is defined as
The total hysteresis provided by the network is defined as:
To assure that the comparator will always switch correctly, the resistors values should be chosen as follow:
RPULL-UP << RLOAD and R1 > RPULL-UP.
Non-Inverting Comparator with Hysteresis
It requires a two resistor network to implement a non inverting comparator with hysteresis and with a voltage
reference at the inverting input. So when VIN is low, the output is also low. If the output will switch from low to high,
VIN must rise up to VIN1, and VIN1 can be calculated by:
When VIN is high, the output is also high, in order to make the comparator switch back to low, VIN can be
calculated by:
The hysteresis of this circuit is the difference between VIN1 and VIN 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11