| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2937L-XX-TQ2-R Fiches technique(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LM2937L-XX-TQ2-R Fiches technique(HTML) 7 Page - Unisonic Technologies |
|
7 / 10 page ![]() LM2937 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 7 of 10 www.unisonic.com.tw QW-R102-012.F TYPICAL CHARACTERISTICS 0 200 0.4 Output Current(mA) Dropout Voltage vs Output Current 300 0.2 0.3 0.5 0.1 100 400 500 0 0.6 0.7 0.8 0.9 TJ=25℃ -40 40 0.4 Dropout Voltage vs Temperature 80 0.2 0.3 0.5 0.1 0 120 0 0.6 0.7 0.8 0.9 0.5A 1.0 Temperature(℃) 0.25A 0.05A -40 40 4.98 Output Voltage vs Temperature 80 4.94 4.96 5.00 4.92 0 120 4.90 5.02 5.04 5.06 5.08 5.10 Temperature(℃) -40 40 10 Quiescent Current vs Temperature 80 5 0 120 0 15 20 Temperature(℃) 250mA 500mA 5mA RL=100Ω 010 20 Quiescent Current vs Input Voltage 15 10 520 25 0 30 40 50 Input Voltage (V) 0.25A 0.05A 30 35 60 70 80 90 100 0.5A 0 200 4 300 1 100 400 500 0 6 8 10 Output Current (mA) VIN=14V VOUT=5V TJ=25℃ VOUT=5V Ta=25℃ Quiescent Current vs Input Voltage 2 5 3 7 9 |