Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

20GEEW3E-R Fiches technique(PDF) 2 Page - Delta Electronics, Inc.

No de pièce 20GEEW3E-R
Description  HIGH PERFORMANCE IEC CONNECTOR FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

20GEEW3E-R Fiches technique(HTML) 2 Page - Delta Electronics, Inc.

  20GEEW3E-R Datasheet HTML 1Page - Delta Electronics, Inc. 20GEEW3E-R Datasheet HTML 2Page - Delta Electronics, Inc. 20GEEW3E-R Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MECHANICAL CONSTRUCTION
2-5
1.55
39.4
SUGGESTED MOUNTING CUTOUT
(SAME AS ABOVE)
GREEN/YELLOW
BLUE
BROWN
4
G
3
0.13
3.3
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
50.04
1.97
39.4
1.55
0.13
3.3
1.0
R0.04
+0.02
-0.
30.5
1.20
40.01
R0.098
M3
R2.49
1.575
0.005
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM BEHIND)
39.4
1.55
0.13
3.3
40.01
0.14
3.5
+0.02
R0.234
R5.94
30.5
-0
1.20
1.575 0.005
EG3H
INCH
UNIT:
mm
EG3V
EW3V
EG3E, EG3Q
EG3S
(Optional soldering lug or wire type)
28.4
1.12
21.3
0.84
40.01
1.575 0.02
2.05
L
G
3.3
0.130
52.1
N
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
1.12 -0
R0.12
R3.0
28.45
+0.02
40.01
M3
1.575 0.005
3.0
R0.12 (4X)
1.12
+0.02
-0
28.45
40.01
M3
1.575 0.005
0.079(3X)
2.0
1.12
28.4
L
G
N
1.99
1.575
50.5
40.01
3.3
0.130
ALL WIRE LEADS 4.0" LONG MIN.
PCB
PANEL
ASSEMBLY FROM FRONT



Html Pages

1 2 3