| Moteur de recherche de fiches techniques de composants électroniques |
|
2SC5027E-R-TF3-T Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SC5027E-R-TF3-T Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SC5027E NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R203-030,B HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR . FEATURES * High Speed Switching * Wide SOA TO-220 1 TO-220F 1 *Pb-free plating product number: 2SC5027EL ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing 2SC5027E-x-TA3-T 2SC5027EL-x-TA3-T TO-220 B C E Tube 2SC5027E-x-TF3-T 2SC5027EL-x-TF3-T TO-220F B C E Tube 2SC5027EL-x-TA3-T (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) T: Tube (2) TA3: TO-220, TF3: TO-220F (3) x: refer to Classification of hFE1 (4) L: Lead Free Plating, Blank: Pb/Sn |
Numéro de pièce similaire - 2SC5027E-R-TF3-T |
|
Description similaire - 2SC5027E-R-TF3-T |