| Moteur de recherche de fiches techniques de composants électroniques |
|
2SC3838-B-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SC3838-B-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SC3838 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 2 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R220-018,B HIGH-FREQUENCY AMPLIFIER TRANSISTOR FEATURES *High transition frequency. *Small rbb’·Cc and high gain. *Small NF. SOT-323 1 2 3 SOT-23 1 2 3 *Pb-free plating product number: 2SC3838L ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing 2SC3838-x-AE3-R 2SC3838L-x-AE3-R SOT-23 E B C Tape Reel 2SC3838-x-AL3-R 2SC3838L-x-AL3-R SOT-323 E B C Tape Reel 2SC3838L-x-AE3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323 (3) x: refer to Classification of hFE (4) L: Lead Free Plating, Blank: Pb/Sn MARKING AD Lead Plating |
Numéro de pièce similaire - 2SC3838-B-AE3-R |
|
Description similaire - 2SC3838-B-AE3-R |