Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SB1202-U-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce 2SB1202-U-TN3-R
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1202-U-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies

  2SB1202-U-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SB1202-U-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SB1202-U-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SB1202-U-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SB1202-U-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SB1202
PNP PLANAR TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R217-005.B
HIGH CURRENT SWITCHING
APPLICATION
DESCRIPTION
The UTC 2SB1202 applies to voltage regulators, relay drivers,
lamp drivers, and electrical equipment.
FEATURES
* Adoption of FBET, MBIT processes
* Large current capacity and wide ASO
* Low collector-to-emitter saturation voltage
* Fast switching speed
TO-126C
1
TO-252
1
1
TO-251
*Pb-free plating product number: 2SB1202L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SB1202-x-T6C-K
2SB1202L-x-T6C-K
TO-126C
E
C
B
Bulk
2SB1202-x-TM3-T
2SB1202L-x-TM3-T
TO-251
B
C
E
Tube
2SB1202-x-TN3-R
2SB1202L-x-TN3-R
TO-252
B
C
E
Tape Reel
2SB1202-x-TN3-T
2SB1202L-x-TN3-T
TO-252
B
C
E
Tube
2SB1202L-x-T6C-K
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Plating
(1) K: Bulk, T: Tube, R: Tape Reel
(2) T6C: TO-126C, TM3: TO-251, TN3: TO-252
(3) x: refer to Classification of hFE1
(4) L: Lead Free Plating, Blank: Pb/Sn


Numéro de pièce similaire - 2SB1202-U-TN3-R

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SB1202-U KEXIN-2SB1202-U Datasheet
858Kb / 3P
PNP Transistors
More results

Description similaire - 2SB1202-U-TN3-R

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012_10 Datasheet
327Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803_10 Datasheet
181Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1804 UTC-2SD1804_09 Datasheet
204Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1624 UTC-2SD1624_11 Datasheet
240Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_15 Datasheet
266Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4 5