| Moteur de recherche de fiches techniques de composants électroniques |
|
2SB1202-R-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SB1202-R-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SB1202 PNP PLANAR TRANSISTOR www.unisonic.com.tw 1 of 5 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R217-005.B HIGH CURRENT SWITCHING APPLICATION DESCRIPTION The UTC 2SB1202 applies to voltage regulators, relay drivers, lamp drivers, and electrical equipment. FEATURES * Adoption of FBET, MBIT processes * Large current capacity and wide ASO * Low collector-to-emitter saturation voltage * Fast switching speed TO-126C 1 TO-252 1 1 TO-251 *Pb-free plating product number: 2SB1202L ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing 2SB1202-x-T6C-K 2SB1202L-x-T6C-K TO-126C E C B Bulk 2SB1202-x-TM3-T 2SB1202L-x-TM3-T TO-251 B C E Tube 2SB1202-x-TN3-R 2SB1202L-x-TN3-R TO-252 B C E Tape Reel 2SB1202-x-TN3-T 2SB1202L-x-TN3-T TO-252 B C E Tube 2SB1202L-x-T6C-K (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) K: Bulk, T: Tube, R: Tape Reel (2) T6C: TO-126C, TM3: TO-251, TN3: TO-252 (3) x: refer to Classification of hFE1 (4) L: Lead Free Plating, Blank: Pb/Sn |
Numéro de pièce similaire - 2SB1202-R-TN3-R |
|
Description similaire - 2SB1202-R-TN3-R |