| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5911 Fiches technique(PDF) 5 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5911 Fiches technique(HTML) 5 Page - ams AG |
|
5 / 10 page ![]() Document Feedback AS5911 General Description Short Datasheet • PUBLIC DS001049 • v1-00 • 2023-Jan-27 10 │ 5 1.3 Block Diagram The functional blocks of this device are shown below: Figure 2: Functional Blocks of AS5911 for True Ground Concept x16 Fine quantizer A D 16:1 Multiplexer Decimation Filter & Data Processing AVDDR AVSS DVSS DVDD AVSSR AVSS_REF PD<0:> Positive LDO Negative LDO AGND ADC Coarse Quantizer Sample & Hold S/H INT PD<15> ADC S/H INT x16 A D PD<240> ADC S/H INT PD<255> ADC S/H INT x16 LVDS Interface CLK_P/N DATA1_P/N DATA2_P/N ACI_P/N ACO_P/N AGND_AC Ref. Buffer REF Internal Refernce Temperature Sensor Register Map & Digital Control SCLK SCS_N SDI SDO RESET_N C11 C3 VREF_IN VREF_NEG C8/C9 C0/C6 C1/C5 C4 AVDDB AVSSB_ PWR Digital LDO C7 C10 VDD VSS AS5911 FBGA AVSSB_ SP VSSUB ACLK SYNC D_START DISCARD Built-in Diagnostic Auto Calibration Power Supply Monitors Heater |