| Moteur de recherche de fiches techniques de composants électroniques |
|
DTC143ZL-T92-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC143ZL-T92-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC143Z NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R206-077,B NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT OUT GND OUT GND IN IN R1 R2 SOT-23 3 2 1 SOT-323 3 2 1 SOT-523 3 2 1 TO-92SP 1 TO-92 1 *Pb-free plating product number: DTC143ZL ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing DTC143Z-AE3-R DTC143ZL-AE3-R SOT-23 G I O Tape Reel DTC143Z-AL3-R DTC143ZL-AL3-R SOT-323 G I O Tape Reel DTC143Z-AN3-R DTC143ZL-AN3-R SOT-523 G I O Tape Reel DTC143Z-T92-B DTC143ZL-T92-B TO-92 G O I Tape Box DTC143Z-T92-K DTC143ZL-T92-K TO-92 G O I Bulk DTC143Z-T92-R DTC143ZL-T92-R TO-92 G O I Tape Reel DTC143Z-T9S-K DTC143ZL-T9S-K TO-92SP G O I Bulk DTC143ZL-AE3-R (1)Packing Type (2)Package Type (1) B: Tape Box, K: Bulk, R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323, AN3: SOT-523, T 92: TO-92, T9S: TO-92SP (3)Lead Plating (3) L: Lead Free Plating, Blank: Pb/Sn MARKING CE3Z C5Z For SOT-23/SOT-323 Package For SOT-523 Package |
Numéro de pièce similaire - DTC143ZL-T92-R |
|
Description similaire - DTC143ZL-T92-R |