| Moteur de recherche de fiches techniques de composants électroniques |
|
DTC144EL-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC144EL-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC144E NPN SILICON TRANSISTOR www.unisonic.com.tw 1of 3 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R206-050,C NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT OUT GND OUT GND IN IN R1 R2 SOT-23 3 2 1 SOT-323 3 2 1 SOT-523 3 2 1 1 TO-92SP *Pb-free plating product number:DTC144EL ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing DTC144E-AE3-R DTC144EL-AE3-R SOT-23 G I O Tape Reel DTC144E-AL3-R DTC144EL-AL3-R SOT-323 G I O Tape Reel DTC144E-AN3-R DTC144EL-AN3-R SOT-523 G I O Tape Reel DTC144E-T9S-R DTC144EL-T9S-R TO-92SP G O I Tape Reel DTC144EL-AE3-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323, AN3: SOT-523 (3)Lead Plating (3) L: Lead Free Plating, Blank: Pb/Sn MARKING(For SOT Package) CE4 |
Numéro de pièce similaire - DTC144EL-AE3-R |
|
Description similaire - DTC144EL-AE3-R |