| Moteur de recherche de fiches techniques de composants électroniques |
|
LM339PT Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM339PT Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 19 page ![]() DocID2159 Rev 4 5/19 LM139, LM239, LM339 Absolute maximum ratings and operating conditions 19 Table 2. Operating conditions (Tamb = 25 °C) Symbol Parameter Value Unit VCC Supply voltage 2 to 32 ±1 to ±16 V VICM Common mode input voltage range 0 to (VCC+ - 1.5) V Toper Operating free-air temperature range – LM139, LM139A – LM239, LM239A – LM339, LM339A -55, +125 -40, +105 0, +70 °C |