| Moteur de recherche de fiches techniques de composants électroniques |
|
STAC4932B Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STAC4932B Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() 1 Electrical data 1.1 Maximum ratings Table 1. Absolute maximum ratings (TCASE = 25 °C) Symbol Parameter Value Unit V(BR)DSS Drain source voltage (VGS = 0 V, TJ = 150 °C) 200 V V DGR Drain-gate voltage (R GS= 1 MΩ) 200 V V GS Gate-source voltage ±20 V T J Maximum operating junction temperature 200 °C T STG Storage temperature range -65 to +150 °C 1.2 Thermal data Table 2. Thermal data (1ms, 10%) Symbol Parameter Value Unit R thJC Junction - case thermal resistance 0.075 °C/W 1.3 ESD protection characteristics Table 3. ESD protection Symbol Test Methodology Class HBM Human Body Model (per JESD22-A114) 2 STAC4932B Electrical data DS6724 - Rev 8 page 2/13 |