Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA540 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STA540_V01 Datasheet HTML 17Page - STMicroelectronics STA540_V01 Datasheet HTML 18Page - STMicroelectronics STA540_V01 Datasheet HTML 19Page - STMicroelectronics STA540_V01 Datasheet HTML 20Page - STMicroelectronics STA540_V01 Datasheet HTML 21Page - STMicroelectronics STA540_V01 Datasheet HTML 22Page - STMicroelectronics STA540_V01 Datasheet HTML 23Page - STMicroelectronics STA540_V01 Datasheet HTML 24Page - STMicroelectronics STA540_V01 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
STA540
Practical information
Doc ID 13907 Rev 6
21/25
6.8
Handling the diagnostic information
As different diagnostic information (clipping detection, output fault, approaching thermal
shutdown) becomes available at pin 10 so the behavior of the signal at this pin changes.
In order to discriminate the event, signal DIAGNOSTICD, pin 10, must be interpreted
correctly. Figure 27 shows a combination of events on the output waveform and the
corresponding output on pin 10.
This events could be diagnosed based on the timing of the output signal on pin 10. For
example, the clip-detector signalling under fault conditions could produce a low level for a
short time. On the other hand, an output short circuit would probably produce a low level for
a much longer time. With these assumptions, an interface circuit based on the one shown in
Figure 28 could differentiate the information and flag the appropriate circuits.
Figure 27.
Waveforms
Figure 28.
Interface circuit diagram
t
t
t
ST-BY PIN
VOLTAGE
Vs
OUTPUT
WAVEFORM
Vpin 10
WAVEFORM
SHORT TO GND
OR TO Vs
D05AU1604mod
CLIPPING
THERMAL
PROXIMITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25