Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM139 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce LM139
Description  Low-power quad voltage comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM139 Fiches technique(HTML) 3 Page - STMicroelectronics

  LM139_V01 Datasheet HTML 1Page - STMicroelectronics LM139_V01 Datasheet HTML 2Page - STMicroelectronics LM139_V01 Datasheet HTML 3Page - STMicroelectronics LM139_V01 Datasheet HTML 4Page - STMicroelectronics LM139_V01 Datasheet HTML 5Page - STMicroelectronics LM139_V01 Datasheet HTML 6Page - STMicroelectronics LM139_V01 Datasheet HTML 7Page - STMicroelectronics LM139_V01 Datasheet HTML 8Page - STMicroelectronics LM139_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID2159 Rev 4
3/19
LM139, LM239, LM339
Pin and schematic diagram
19
1
Pin and schematic diagram
Figure 1. Pin connections (top view)
Figure 2. Schematic diagram (1/4 LM139)
4
5
6
7
8
9
10
11
13
1
2
3
14
12
Output2
Output4
Output3
Non-i
nverti
ng i
nput4
V
CC
Non-i
nverti
ng i
nput3
Inverti
ng i
nput4
V
CC
+
Output1
Inverti
ng i
nput1
N on-i
nverti
ng i
nput2
-
Inverti
ng i
nput3
N on-i
nverti
ng i
nput1
Inverti
ng i
nput2
Non-inverting
input
Inverting
input
3.5
μA
V
CC
V
O
3.5
μA
100
μA
100
μA
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19