| Moteur de recherche de fiches techniques de composants électroniques |
|
SD103AW-CC2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
SD103AW-CC2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD SD103AW DIODE www.unisonic.com.tw 1 of 3 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R601-009,A SCHOTTKY BARRIER SWITCHING DIODE FEATURES * Low Forward Voltage Drop * Fast Switching * Negligible Reverse Recovery Time * Low Reverse Capacitance * Designed for Surface Mount Application * PN Junction Guard Ring for Transient and ESD Protection SOD-123 + - SOD-523 + - *Pb-free plating product number: SD103AWL ORDERING INFORMATION Order Number Normal Lead Free Plating Package Packing SD103AW-CA2-R SD103AWL-CA2-R SOD-123 Tape Reel SD103AW-CC2-R SD103AWL-CC2-R SOD-523 Tape Reel SD103AWL-CA2-R (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel (2) CA2: SOD-123, CC2: SOD-523 (3) L: Lead Free Plating, Blank: Pb/Sn MARKING S 4 Lead Plating |
Numéro de pièce similaire - SD103AW-CC2-R |
|
Description similaire - SD103AW-CC2-R |