| Moteur de recherche de fiches techniques de composants électroniques |
|
MMBTA94L-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MMBTA94L-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MMBTA94 PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R206-008,B HIGH VOLTAGE TRANSISTOR FEATURES *Collector-Emitter voltage: VCEO=-400V *Collector Dissipation: PC(MAX)=350mW *Low collector-Emitter saturation voltage APPLICATIONS *Telephone switching *High voltage switch SOT-23 1 2 3 *Pb-free plating product number: MMBTA94L ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing MMBTA94-AE3-R MMBTA94L-AE3-R SOT-23 E B C Tape Reel MMBTA94L-AE3-R (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel (2) AE3: SOT-23 (3) L: Lead Free Plating, Blank: Pb/Sn MARKING 4 D Lead Plating |
Numéro de pièce similaire - MMBTA94L-AE3-R |
|
Description similaire - MMBTA94L-AE3-R |