Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT80C51RA2-3CSCL Fiches technique(PDF) 21 Page - International Rectifier

No de pièce AT80C51RA2-3CSCL
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-3CSCL Fiches technique(HTML) 21 Page - International Rectifier

Back Button AT80C51RA2-3CSCL Datasheet HTML 17Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 18Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 19Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 20Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 21Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 22Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 23Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 24Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
21
4188E–8051–08/06
AT/TS8xC51Rx2
It is possible to use timer 2 as a baud rate generator and a clock generator simultaneously. For
this configuration, the baud rates and clock frequencies are not independent since both func-
tions use the values in the RCAP2H and RCAP2L registers.
Figure 6-3.
Clock-Out Mode C/T2 = 0
Table 6-2.
T2CON Register
T2CON - Timer 2 Control Register (C8h)
:2
EXF2
TR2
OVERFLOW
T2EX
TH2
(8-bit)
TL2
(8-bit)
TIMER 2
RCAP2H
(8-bit)
RCAP2L
(8-bit)
T2OE
T2
XTAL1
T2CON reg
T2CON reg
T2CON reg
T2MOD reg
INTERRUPT
QD
Toggle
EXEN2
(:1 in X2 mode)
7
6
5
4
3
2
1
0
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85