| Moteur de recherche de fiches techniques de composants électroniques |
|
74ACT05 Fiches technique(PDF) 9 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74ACT05 Fiches technique(HTML) 9 Page - ON Semiconductor |
|
9 / 10 page ![]() MC74AC05, MC74ACT05 http://onsemi.com 9 PACKAGE DIMENSIONS TSSOP−14 CASE 948G−01 ISSUE A DIM MIN MAX MIN MAX INCHES MILLIMETERS A 4.90 5.10 0.193 0.200 B 4.30 4.50 0.169 0.177 C −−− 1.20 −−− 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.50 0.60 0.020 0.024 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0 8 0 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE −W−. __ _ _ S U 0.15 (0.006) T 2X L/2 S U M 0.10 (0.004) V S T L −U− SEATING PLANE 0.10 (0.004) −T− SECTION N−N DETAIL E J J1 K K1 DETAIL E F M −W− 0.25 (0.010) 8 14 7 1 PIN 1 IDENT. H G A D C B S U 0.15 (0.006) T −V− 14X REF K N N |