Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74ACT05D Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce MC74ACT05D
Description  Hex Inverter with Open?묭rain Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT05D Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button MC74ACT05D Datasheet HTML 2Page - ON Semiconductor MC74ACT05D Datasheet HTML 3Page - ON Semiconductor MC74ACT05D Datasheet HTML 4Page - ON Semiconductor MC74ACT05D Datasheet HTML 5Page - ON Semiconductor MC74ACT05D Datasheet HTML 6Page - ON Semiconductor MC74ACT05D Datasheet HTML 7Page - ON Semiconductor MC74ACT05D Datasheet HTML 8Page - ON Semiconductor MC74ACT05D Datasheet HTML 9Page - ON Semiconductor MC74ACT05D Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC74AC05, MC74ACT05
http://onsemi.com
7
PACKAGE DIMENSIONS
PDIP−14
CASE 646−06
ISSUE P
17
14
8
B
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
19.56
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
M
−−−
10
−−−
10
N
0.015
0.039
0.38
1.01
__
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
F
HG
D
K
C
SEATING
PLANE
N
−T−
14 PL
M
0.13 (0.005)
L
M
J
0.290
0.310
7.37
7.87



Html Pages

1 2 3 4 5 6 7 8 9 10