Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SABRE9006AS Fiches technique(PDF) 3 Page - ESS Technology,Inc

No de pièce SABRE9006AS
Description  Premier8-Channel Audio DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

SABRE9006AS Fiches technique(HTML) 3 Page - ESS Technology,Inc

  SABRE9006AS Datasheet HTML 1Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 2Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 3Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 4Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 5Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 6Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 7Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 8Page - ESS Technology,Inc SABRE9006AS Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
May 4, 2020
CONFIDENTIAL INFORMATION Rev. 1.2
SABRE9006A Datasheet
3
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
Migration Notes from ES9006S to SABRE9006AS
Hardware Compatibility from ES9006S to SABRE9006AS
SABRE9006AS parts are 100% pin-compatible to ES9006S parts. No PCB change is necessary.
Software Compatibility from ES9006S to SABRE9006AS
No software modification is required when migrating from ES9006S to SABRE9006AS.
New Functions in SABRE9006AS only
The following functions will by default be inactive after a hardware reset to maintain compatibility with ES9006S.
Only customers interested in the new functions need to perform the specific programming to enable them.
Register
New Function (not available in ES9006S)
17
Mode Control for manual input mode selection,auto
de-emphasis in SPDIF mode and 128x DPLL bandwidth
27-24
Master Trim
64
Chip ID, Auto-mute status and Lock status
69-66
DPLL_NUM readout
93-70
SPDIF channel status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29