Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9842QPRO Fiches technique(PDF) 85 Page - ESS Technology,Inc

No de pièce ES9842QPRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842QPRO Fiches technique(HTML) 85 Page - ESS Technology,Inc

Back Button ES9842QPRO Datasheet HTML 81Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 82Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 83Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 84Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 85Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 86Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 87Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 88Page - ESS Technology,Inc ES9842QPRO Datasheet HTML 89Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
85
[3]
INTERRUPT_MASK_CH4_PEAK_
DETECT
Masks the peak detector interrupt of ADC CH4.
• 1'b0: Interrupt masked (default)
• 1'b1: Interrupt held if asserted
[2]
INTERRUPT_MASK_CH3_PEAK_
DETECT
Masks the peak detector interrupt of ADC CH3.
• 1'b0: Interrupt masked (default)
• 1'b1: Interrupt held if asserted
[1]
INTERRUPT_MASK_CH2_PEAK_
DETECT
Masks the peak detector interrupt of ADC CH2.
• 1'b0: Interrupt masked (default)
• 1'b1: Interrupt held if asserted
[0]
INTERRUPT_MASK_CH1_PEAK_
DETECT
Masks the peak detector interrupt of ADC CH1.
• 1'b0: Interrupt masked (default)
• 1'b1: Interrupt held if asserted
Register 32-28: SPDIF CONFIG
Bits
[39:0]
Default
40'd0
Bits
Mnemonic
Description
[39:0]
SPDIF_CS
Configures SPDIF sub-code bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More