Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9842PRO Fiches technique(PDF) 16 Page - ESS Technology,Inc

No de pièce ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Fiches technique(HTML) 16 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 12Page - ESS Technology,Inc ES9842PRO Datasheet HTML 13Page - ESS Technology,Inc ES9842PRO Datasheet HTML 14Page - ESS Technology,Inc ES9842PRO Datasheet HTML 15Page - ESS Technology,Inc ES9842PRO Datasheet HTML 16Page - ESS Technology,Inc ES9842PRO Datasheet HTML 17Page - ESS Technology,Inc ES9842PRO Datasheet HTML 18Page - ESS Technology,Inc ES9842PRO Datasheet HTML 19Page - ESS Technology,Inc ES9842PRO Datasheet HTML 20Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
16
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
TDM Cascade Mode
The ES9842 PRO features TDM cascade mode. Cascade mode allows the digital output from one chip to be input (through
GPIO4) to the next, and the last chip on the chain outputting the final data on serial data line. To enable TDM Cascade
mode, set TDM_CASCADE to 1, and configure GPIO4 as input and GPIO3 as output. The figure below shows how several
ES9842 PRO can be combined in TDM cascade mode.
Note: Cascade mode is for a minimum of an 8 channel TDM data line (TDM_CH_NUM ≥ 7).
Figure 4 - Connection for TDM Cascade Mode
8 channel TDM:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More