Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9822QPRO Fiches technique(PDF) 29 Page - ESS Technology,Inc

No de pièce ES9822QPRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822QPRO Fiches technique(HTML) 29 Page - ESS Technology,Inc

Back Button ES9822QPRO Datasheet HTML 25Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 26Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 27Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 28Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 29Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 30Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 31Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 32Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 33Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 126 page
background image
0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
29
ES9822 PRO Product Datasheet
RAW Pin Connections
RAW connections are configured by Registers 5,16,17. GPIOs need to be configured as well through registers 74-77.
RAW data mode requires 8 GPIOs.
Pin Name
Function
Description
GPIO1
RAW Data Clock Output
Clock output in RAW mode
GPIO2
RAW Data [0] Output
Raw data bit 0
GPIO3
RAW Data [1] Output
Raw data bit 1
GPIO4
RAW Data [2] Output
Raw data bit 2
GPIO5
RAW Data [3] Output
Raw data bit 3
GPIO6
RAW Data [4] Output
Raw data bit 4
GPIO7
RAW Data [5] Output
Raw data bit 5
GPIO8
RAW Data [6] Output
Raw data bit 6
Table 15 - RAW Pin Connections
Digital Audio Input Port
PCM Pin Connections
See I2S decoder and Programmable Delay. Registers 59-62 for configuration, GPIOs need to be configured as well through registers 74 & 76
Pin Name
Function
Description
GPIO1
I2S BCLK
I2S clock for I2S decoder
GPIO2
I2S WS
I2S WS for I2S decoder
GPIO5
I2S DATA
I2S DATA for I2S decoder
Table 16 - PCM Pin Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More