Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9820Q Fiches technique(PDF) 32 Page - ESS Technology,Inc

No de pièce ES9820Q
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820Q Fiches technique(HTML) 32 Page - ESS Technology,Inc

Back Button ES9820Q Datasheet HTML 28Page - ESS Technology,Inc ES9820Q Datasheet HTML 29Page - ESS Technology,Inc ES9820Q Datasheet HTML 30Page - ESS Technology,Inc ES9820Q Datasheet HTML 31Page - ESS Technology,Inc ES9820Q Datasheet HTML 32Page - ESS Technology,Inc ES9820Q Datasheet HTML 33Page - ESS Technology,Inc ES9820Q Datasheet HTML 34Page - ESS Technology,Inc ES9820Q Datasheet HTML 35Page - ESS Technology,Inc ES9820Q Datasheet HTML 36Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
32
Digital Audio Input Port
PCM Pin Connections
See I2S decoder and Programmable Delay. Registers 59-62 for configuration, GPIOs need to be configured as well through registers 74 & 76
Pin Name
Function
Description
GPIO1
I2S BCLK
I2S clock for I2S decoder
GPIO2
I2S WS
I2S WS for I2S decoder
GPIO5
I2S DATA
I2S DATA for I2S decoder
Table 16 - PCM Pin Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More