Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES9018S Fiches technique(PDF) 28 Page - ESS Technology,Inc

No de pièce ES9018S
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018S Fiches technique(HTML) 28 Page - ESS Technology,Inc

Back Button ES9018S Datasheet HTML 24Page - ESS Technology,Inc ES9018S Datasheet HTML 25Page - ESS Technology,Inc ES9018S Datasheet HTML 26Page - ESS Technology,Inc ES9018S Datasheet HTML 27Page - ESS Technology,Inc ES9018S Datasheet HTML 28Page - ESS Technology,Inc ES9018S Datasheet HTML 29Page - ESS Technology,Inc ES9018S Datasheet HTML 30Page - ESS Technology,Inc ES9018S Datasheet HTML 31Page - ESS Technology,Inc ES9018S Datasheet HTML 32Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
2.3
ES9018S Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
28
Register 18: SPDIF SOURCE
Bits
[7:0]
Default
8'd1
Bits
Mnemonic
Description
[7:0]
SPDIF_SOURCE
This register chooses the SPDIF source. The Sabre32
Reference has an 8-to-1 multiplexer which allows up to 8
SPDIF inputs to be connected to the data pins.
•
8'd1: data1
•
8'd2: data2
•
8'd4: data3
•
8'd8: data4
•
8'd16: data5
•
8'd32: data6
•
8'd64: data7
•
8'd128: data8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54