Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320C32PCMA50 Fiches technique(PDF) 20 Page - Texas Instruments

No de pièce TMS320C32PCMA50
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCMA50 Fiches technique(HTML) 20 Page - Texas Instruments

Back Button TMS320C32PCMA50 Datasheet HTML 16Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 17Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 18Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 19Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 20Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 21Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 22Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 23Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
20
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION (CONTINUED)
timing parameter symbology
Timing parameter symbols used in this document are in accordance with JEDEC Standard 100-A. Unless
otherwise noted, in order to shorten the symbols, pin names and other related terminology have been
abbreviated as follows:
A
A23 – A0 when the physical-memory-width-bit field of the STRBx control register is set to 32 bits
A23 – A0 and STRBx_B3/A–1 when the physical-memory-width-bit field of the STRBx control register is
set to 16 bits
A23 – A0, STRBx_B3/A–1, and STRBx_B2/A–2 when the physical-memory-width-bit field of the STRBx
control register is set to 8 bits
CI
CLKIN
RDY RDY
D
D(31 – 0)
H
H1, H3
IOS
IOSTRB
Ptc(H)
Qtc(CI)
RW
R / W
S
STRBx_B(3– 0) when the physical-memory-width-bit field of the STRBx control register is set to 32 bits
STRBx_B(1– 0) when the physical-memory-width-bit field of the STRBx control register is set to 16 bits
STRBx_B0 when the physical-memory-width-bit field of the STRBx control register is set to 8 bits
XF
XF0 or XF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45