Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP2174CGG Fiches technique(PDF) 2 Page - MPS Industries, Inc.

No de pièce MP2174CGG
Description  2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPSIND [MPS Industries, Inc.]
Site Internet  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2174CGG Fiches technique(HTML) 2 Page - MPS Industries, Inc.

  MP2174CGG Datasheet HTML 1Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 2Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 3Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 4Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 5Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 6Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 7Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 8Page - MPS Industries, Inc. MP2174CGG Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP2174C
– 5.5V, 4A, 1.1MHZ, SYNCHRONOUS STEP-DOWN SWITCHER
MP2174C Rev. 1.0
www.MonolithicPower.com
2
8/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2174CGG
QFN12 (2mm x 2mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP2174CGG–Z).
TOP MARKING
KC: Product code of MP2174CGG
Y: Year code
LLL: Lot number
PACKAGE REFERENCE
QFN-12 (2mmx2mm)
PIN FUNCTIONS
Pin #
Name
Description
1
PVIN
Supply voltage to power FETs. PVIN is connected to VIN internally.
2, 11
SW
Switch output. Pin 2 and 11 can be connected together.
3, 12
PGND
Power ground. Pin 3 and 12 can be connected together.
4
AGND
Quiet ground for controller circuits.
5
NC
No connection. Leave this pin open. Do not connect it to ground.
6
OUT
Input sense pin for output voltage.
7
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin,
sets the output voltage.
8
EN
On/off control.
9
PG
Power good indicator. The output of this pin is an open drain pin.
10
VIN
Supply voltage to internal control circuitry. VIN is connected to PVIN internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16