Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72F264G2B6 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce ST72F264G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2B6 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button ST72F264G2B6 Datasheet HTML 3Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 4Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 5Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 6Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 7Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 8Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 9Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 10Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
7/172
PIN DESCRIPTION (Cont’d)
Figure 4. TFBGA Package Pinout (view through package)
A
B
C
D
E
F
123
456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More