| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72260GX Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72260GX Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 172 page ![]() ST72260Gx, ST72262Gx, ST72264Gx 16/172 FLASH PROGRAM MEMORY (Cont’d) 4.5 Memory Protection There are two different types of memory protec- tion: Read Out Protection and Write/Erase Protec- tion which can be applied individually. 4.5.1 Read out Protection Read-out protection, when selected, provides a protection against Program Memory content ex- traction and against write access to Flash memo- ry. Even if no protection can be considered as to- tally unbreakable, the feature provides a very high level of protection for a general purpose microcon- troller. In flash devices, this protection is removed by re- programming the option. In this case the program memory is automatically erased and the device can be reprogrammed. Read-out protection selection depends on the de- vice type: – In Flash devices it is enabled and removed through the FMP_R bit in the option byte. – In ROM devices it is enabled by mask option specified in the Option List. 4.5.2 Flash Write/Erase Protection Write/erase protection, when set, makes it impos- sible to both overwrite and erase program memo- ry. Its purpose is to provide advanced security to applications and prevent any change being made to the memory content. Warning: Once set, Write/erase protection can never be removed. A write-protected flash device is no longer reprogrammable. Write/erase protection is enabled through the FMP_W bit in the option byte. 4.6 Related Documentation For details on Flash programming and ICC proto- col, refer to the ST7 Flash Programming Refer- ence Manual and to the ST7 ICC Protocol Refer- ence Manual . AN1477: Emulated data EEPROM with XFlash memory AN1576: IAP drivers for ST7 HDFlash or XFlash MCUs AN1575: On Board Programming methods for ST7 HDFlash or XFlash MCUs AN1070: Checksum self checking capability 4.7 Register Description FLASH CONTROL/STATUS REGISTER (FCSR) Read/Write Reset Value: 000 0000 (00h) 1st RASS Key: 0101 0110 (56h) 2nd RASS Key: 1010 1110 (AEh) Note: This register is reserved for programming using ICP, IAP or other programming methods. It controls the XFlash programming and erasing op- erations. When an EPB or another programming tool is used (in socket or ICP mode), the RASS keys are sent automatically. 70 0 000 0 OPT LAT PGM |