Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST485E Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce ST485E
Description  ±15KV ESD protected, low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485E Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button ST485E_07 Datasheet HTML 11Page - STMicroelectronics ST485E_07 Datasheet HTML 12Page - STMicroelectronics ST485E_07 Datasheet HTML 13Page - STMicroelectronics ST485E_07 Datasheet HTML 14Page - STMicroelectronics ST485E_07 Datasheet HTML 15Page - STMicroelectronics ST485E_07 Datasheet HTML 16Page - STMicroelectronics ST485E_07 Datasheet HTML 17Page - STMicroelectronics ST485E_07 Datasheet HTML 18Page - STMicroelectronics ST485E_07 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
ST485E
Package mechanical data
17/19
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
8.1
8.5
0.319
0.335
Bo
5.5
5.9
0.216
0.232
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-8 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19