Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T94 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce M41T94
Description  Serial Real Time Clock with 44Bytes NVRAM and Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button M41T94_06 Datasheet HTML 17Page - STMicroelectronics M41T94_06 Datasheet HTML 18Page - STMicroelectronics M41T94_06 Datasheet HTML 19Page - STMicroelectronics M41T94_06 Datasheet HTML 20Page - STMicroelectronics M41T94_06 Datasheet HTML 21Page - STMicroelectronics M41T94_06 Datasheet HTML 22Page - STMicroelectronics M41T94_06 Datasheet HTML 23Page - STMicroelectronics M41T94_06 Datasheet HTML 24Page - STMicroelectronics M41T94_06 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
M41T94
Clock operations
21/40
Figure 11.
Alarm interrupt reset Waveforms
Figure 12.
Back-up mode Alarm Waveforms
AI03664
IRQ/FT/OUT
ACTIVE FLAG
0Fh
0Eh
10h
HIGH-Z
AI03920
VCC
IRQ/FT/OUT
VPFD
ABE, AFE Bits in Interrupt Register
AF bit in Flags Register
HIGH-Z
VSO
HIGH-Z
tREC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40