Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5116 Fiches technique(PDF) 21 Page - ams AG

No de pièce AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Fiches technique(HTML) 21 Page - ams AG

Back Button AS5116 Datasheet HTML 17Page - ams AG AS5116 Datasheet HTML 18Page - ams AG AS5116 Datasheet HTML 19Page - ams AG AS5116 Datasheet HTML 20Page - ams AG AS5116 Datasheet HTML 21Page - ams AG AS5116 Datasheet HTML 22Page - ams AG AS5116 Datasheet HTML 23Page - ams AG AS5116 Datasheet HTML 24Page - ams AG AS5116 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Document Feedback
AS5116
Functional Safety
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 21
8
Functional Safety
AS5116 is fully supporting the ISO26262 and enables applications to fulfill Automotive Safety Integrity
Levels up to ASIL C.
8.1
Safety Manual
The safety manual, available upon request, contains all the necessary information for the system
integrator, to integrate AS5116 in a safety related item.
AS5116 is supporting the ISO26262 as Safety Element out of Context (SEooC).
The safety manual includes the following information:
●
Product development lifecycle
●
Description of the technical safety concept on system level
●
Detailed information of Assumption of Use of the element with respect to its intended use, which
includes
●
System Safe State information
●
Fault Tolerant Time Interval
●
Coverage information
As part of the Safety Manual, the Verification and Safety Analysis Report includes following
information:
●
HW architectural metric results (Single Point Fault Metric)
●
Description of verifications based on the ISO26262
●
Detailed FMEDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34