| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX4583C/D Fiches technique(PDF) 5 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4583C/D Fiches technique(HTML) 5 Page - Maxim Integrated Products |
|
5 / 18 page ![]() Low-Voltage, CMOS Analog Multiplexers/Switches _______________________________________________________________________________________ 5 ELECTRICAL CHARACTERISTICS—Single +3V Supply (VCC = 2.7V to 3.6V, VEE = 0V, V_H = 2.0V, V_L = 0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) SWITCH DYNAMIC CHARACTERISTICS C, E, A 400 TA = +25°C Address Transition Time tTRANS ns VX_, VY_, VZ_ = 1.5V/0V; RL = 300 Ω; CL = 35pF; Figure 2 130 300 C, E, A 300 TA = +25°C Enable Turn-Off Time t(OFF) ns VX_, VY_, VZ_ = 1.5V; RL = 300 Ω; CL = 35pF; Figure 3 50 200 C, E, A TA = +25°C -10 +10 Break-Before-Make Time tBBM ns C, E, A VX_, VY_, VZ_ = 1.5V; RL = 300 Ω; CL = 35pF 15 40 C, E, A TA = +25°C 400 C, E, A Logic Input Logic Threshold High VAH, VBH, VCH, VENABLEH V 1.0 2.0 C, E, A Input-Current High IAH, IBH, ICH, IENABLEH µA VA, VB, VC = VEnable = 2.0V -100 +100 -1 +1 C, E, A Logic Input Logic Threshold Low VAL, VBL, VCL, VENABLEL V 0.5 1.0 TA = +25°C Enable Turn-On Time t(ON) ns VX_, VY_, VZ_ = 1.5V; RL = 300 Ω; CL = 35pF; Figure 3 170 300 C, E, A C, E, A Input-Current Low TA = +25°C IAL, IBL, ICL, IENABLEL X, Y, Z Off-Leakage (Note 6) IX(OFF), IY(OFF), IZ(OFF) nA MAX4581 µA VCC = 3.6V; VX_, VY_, VZ_ = 1V, 3.0V; VX, VY, VZ = 3.0V, 1V VA, VB, VC = VEnable = 0.5V -100 +100 TA = +25°C -2 +2 X, Y, Z On-Leakage (Note 6) IX(ON), IY(ON), IZ(ON) nA MAX4581 VCC = 3.6V; VX, VY, VZ = 3.0V, 1V -2 +2 C, E, A C, E, A X_, Y_, Z_ Off-Leakage (Note 5) -50 +50 IX_(OFF), IY_(OFF), IZ_(OFF) TA = +25°C nA VCC = 3.6V; VX_, VY_, VZ_ = 1V, 3V; VX, VY, VZ = 3V, 1V Power-Supply Current ICC, IEE µA -1 +1 TA = +25°C -50 +50 TA = +25°C -1 +1 Switch On-Resistance -1 +1 -1 +1 VCC = 3.6V, VA, VB, VC, VEnable = V+ or 0 -1 +1 -10 +10 PARAMETER RON TA = +25°C SYMBOL TEMP Ω VCC = 2.7V; IX, IY, IZ = 0.1mA; VX, VY, VZ = 1.5V 190 450 C, E, A 550 C, E, A UNITS MIN TYP MAX (Note 2) CONDITIONS Analog-Signal Range VX_, VY_, VZ_, VX, VY, VZ V VEE VCC C, E, A MAX4582 MAX4583 MAX4582 MAX4583 Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column. Note 3: ∆RON = RON(MAX) - RON(MIN). Note 4: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal ranges; i.e., VX_, VY_, VZ_ = 3V to 0 and 0 to -3V. Note 5: Leakage parameters are 100% tested at maximum-rated hot operating temperature, and guaranteed by correlation at TA = +25°C. Note 6: Guaranteed by design, not production tested. ANALOG SWITCH DIGITAL I/O SWITCH DYNAMIC CHARACTERISTICS (Note 6) POWER SUPPLY |